PART |
Description |
Maker |
GP1020 |
SIX-CHANNEL PARALLEL CORRELATOR CIRCUIT FOR GPS OR GLONASS RECEIVERS
|
Zarlink
|
GP2021GQ1R GP2021IG |
0.3-7.0V; GPS 12channel correlator. For GPS navigation systems
|
Mitel Semiconductor
|
HSP45256JI-25 HSP45256GC-33 |
Binary Correlator 8-BIT, DSP-CORRELATOR, PQCC84 Binary Correlator 8-BIT, DSP-CORRELATOR, CPGA85 Binary Correlator 二元相关
|
Intersil, Corp.
|
L10C23DM60 L10C23HC20 L10C23HC30 L10C23DC20 L10C23 |
Correlator
|
|
RXM-GPS-R4-T |
GPS Modules R4 Series GPS Recvr Module Tape and Reel
|
Linx Technologies, Inc.
|
PT9250 |
48-channel Single Chip GPS Receiver
|
Princeton Technology Corp
|
VENUS634FLPX |
65 Channel Low Power GPS Receiver
|
SkyTraq
|
MA203AAB035 MA203.A.AB.035 |
MA.203 Stingray GPS/Cellular Adhesive Antenna GPS-High gain LNA up to 32dB
|
List of Unclassifed Manufac... Taoglas antenna solutio...
|
ULS-2812H-883 ULS-2802H-883 ULS-2012H-883 ULS-2022 |
N-CHANNEL 100V - O.33 Ohm - 2A SOT-223 STRIPFET POWER MOSFET N-channel 500V - 2.5O - 4A - TO-220 PowerMESH II MOSFET Single exclusive OR gate Single bus buffer (3-state) SINGLE 8 CHANNEL ANALOG MULTIPLEXERS-DEMULTIPLEXERS Single 2-input OR gate ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS GPS PROCESSOR 八进制外设驱 Quad 2-input nand gate 2输入与非 Single inverter 单反相器 N-channel 100V - 0.32 O - 5A - TO-251/TO-252 STripFET™ Power MOSFET
|
Allegro MicroSystems, Inc. Panasonic, Corp.
|
STA2064 STA2064A STA2064N |
Cartesio family infotainment application processor with embedded GPS Cartesio垄芒 family infotainment application processor with embedded GPS
|
STMicroelectronics
|